Part Number Hot Search : 
2SB628 PSMN1R F1001 12000 G2319 SH7055SF 1812F CY7C15
Product Description
Full Text Search
 

To Download SRS-14UL63-HADP-TL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hadoop kit # SRS-14UL63-HADP-TL key features ? optimized turnkey apache hadoop cluster ? 14u mobile rack with 11 nodes and pdu ? 1x 24 port 1g layer 3 ethernet switch w/ dual 10g uplinks (sfp+ connectors) ? 1x 1u management server ? 2x 1u name node/job tracker/journal manager/resource manager ? 4x 2u twin data nodes/task tracker/ node manager (8 nodes total) ? 48tb storage capacity ? platinum level (94%) / gold level (93%+) efciency power supplies ? cabled and labeled ? integrated apc 30a 208v l6-30 pdu ? cloudera and hortonworks certifed technology model cluster management 815 name node 827 2u twin data node (6x 3.5" hdds per node) processor support intel ? xeon processor e3-1200 and e3- 1200 v2 product families intel? xeon? processor e5-2600 and e5- 2600 v2 product families intel? xeon? processor e5-2600 and e5- 2600 v2 product families chipset intel ? c216 chipset intel? 5520 chipset with qpi up to 6.4gt/s intel? 5520 chipset with qpi up to 6.4gt/s system memory (max) 8gb (max. 32gb in 4 x ddr3 ecc udimm) 64gb (max. 512gb in 16 x ddr3 reg. ecc rdimm) 32gb (max. 256gb) of ddr3 reg. ecc per node (2 nodes per system) expansion slots 1 pci-e 3.0 x16 slots, 2 pci-e 2.0 x4 (in x8) slots 2 pci-e 3.0 x16 slots 3 pci-e 3.0 x 8 slots onboard & aoc hba controllers intel? c216 pch sata raid 0, 1, 5, 10 support lsi? 2208 controller hardware raid 0, 1, 5, 6,10 intel? 602 scu sata raid 0,1, 5,10 support intel?602 scu and ahci sata raid 0,1,5,10 support networking /vga intel 82574 dual port gigabit ethernet, intel i350 quad port gigabit ethernet, 10 gigabit ethernet with sfp+ connection intel? i350 dual port gigabit ethernet optional 10 gigabit ethernet with sfp+ connection intel? i350 dual port gigabit ethernet optional 10 gigabit ethernet with sfp+ connection manageability dedicated ipmi 2.0 with virtual media over lan and kvm-over-lan support dedicated ipmi 2.0 with virtual media over lan and kvm-over-lan support dedicated ipmi 2.0 with virtual media over lan and kvm-over-lan support drive bays 2x hots-swap sata hdd bays 2x 500gb hdd 4x 3.5" sas/sata hot-swap hdd bays 4x 300gb 15k hdd 12x 3.5 sas/sata hot-swap hdd bays 6x per node, 1tb hdd power supply redundant (1+1) 500w platinum level high-efciency power supply redundant (1+1) 700w gold level (93%) high-efciency power supplies w/ pmbus redundant (1+1) 920w platinum level (94%) high-efciency power supplies w/ pmbus cooling system 4x 4cm heavy duty counter-rotating fans 4x 4cm heavy duty counter-rotating fans 4x 8cm heavy duty fans with pwm fan speed control form factor 1u rackmount chassis (25.6 depth) 16.8w x 1.7h x 25.6d (426.7 x 43 x 650mm) 1u rackmount chassis (25.6 depth) 17.2w x 1.7h x 25.6d (437 x 43 x 650mm) 2u rackmount chassis (28.5 depth) 17.25w x 3.47h x 28.5d (438 x 88 x 724mm) 14u rack information switches / networking ? sse-g24-tg4 C 1u rackmount 24 port gigabit ethernet switch - 24 ports rj45 copper (includes 4 sfp combo ports) for 1g ethernet - managed l2/l3 with industry standard cli and web-gui for management ? aom-sse-x2s C dual-port 10g ethernet uplink module with sfp+ connector pdu ? apc pdu 208v l6-30 plug/ (16) iec 320 c13 connectors (apc#ap7911a) rack construction ? supports eia 19 rackmount servers with regular square mounting holes, casters, front/rear doors form factor ? 21.65w x 37.4d x 30.64h (55cmw x 95cmd x 77.9cmh) full 42u rack hadoop solution ? srs-42xl63-hadp-tl (3 name nodes, 36 data node, 10 gbe sfp+ networking) for detailed product information, please contact supermicro sales. www.supermicro.com/hadoop mkt-0005-01/2014 supermicro datacenter engineering & integration


▲Up To Search▲   

 
Price & Availability of SRS-14UL63-HADP-TL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X